PART |
Description |
Maker |
2SC1740SLNTP/S 2SA933ASLNTP/RS 2SA933ALNT93/RS 2SC |
150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 3000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 50 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 5000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Lattice Semiconductor, Corp. MERITEK Electronics, Corp.
|
2SB647ABTZ-E 2SB647ACTZ-E 2SB647CTZ-E 2SB647DTZ-E |
1000 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Silicon PNP Epitaxial
|
Renesas Electronics Corporation
|
2SA1460 2SA1460-AZ 2SA1460-L-AZ 2SA1460L 2SA1460K |
TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 1A I(C) | TO-221VAR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 1000 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP SILICON TRANSISTOR
|
Electronic Theatre Controls, Inc. ETC List of Unclassifed Manufacturers
|
DCX52-13 DCX52-16-13 |
PNP SURFACE MOUNT TRANSISTOR 1000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC, SOT89-3L, 4 PIN
|
Diodes Incorporated Diodes Inc. Diodes, Inc.
|
BC369ZL1G BC368 BC368_05 BC368G BC368ZL1 BC368ZL1G |
Amplifier Transistor PNP Silicon(硅PNP放大器晶体管) 1000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Voltage and Current are Negative
|
ONSEMI[ON Semiconductor]
|
2SB1115A-T1 |
1000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
|
2SB621AR |
1000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
PANASONIC CORP
|
BCX53-10 |
1000 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
INFINEON TECHNOLOGIES AG
|
BCX69-16 |
1000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
INFINEON TECHNOLOGIES AG
|
PBSS5140U115 PBSS5140U/T3 PBSS5140U-15 |
1000 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 40 V low VCEsat PNP transistor
|
NXP Semiconductors N.V.
|
2SA1416S |
1000 mA, 100 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-243
|
SANYO SEMICONDUCTOR CO LTD
|
|